Part Number Hot Search : 
4HCT57 MAX151 P2010 GJ3669 ZR4040 40002 40002 184X52
Product Description
Full Text Search
 

To Download CTIHLP72F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Inductors - Shielded
ctparts.com
CTIHLP72F Series
From .22 H to 4.7 H
Not shown at actual size.
SPECIFICATIONS
Parts are only available 20% inductance tolerance only *Irms will cause the coil temp. rise approximately T=40C without core loss. **Isat will cause L0 to drop approximately 20% typ. L Test Freq. (KHz) 100 100 100 100 100 100 100 100 100 *Irms Typ. (A) 14 12 11 9 7 4 5 3.25 3 **Isat Typ. (A) 26 18 18 17 14 12 9 7 5 DCR Max. (m) 5.7 7.0 9.3 13.9 18 34 46 60 78
Part Number CTIHLP72F-R22M CTIHLP72F-R33M CTIHLP72F-R47M CTIHLP72F-R68M CTIHLP72F-1R0M CTIHLP72F-1R5M CTIHLP72F-2R2M CTIHLP72F-3R3M CTIHLP72F-4R7M
Inductance (H) .22 .33 .47 .68 1.0 1.5 2.2 3.3 4.7
Compliant
RoHS
PHYSICAL DIMENSIONS
Size mm inches A
Max. 7.8 0.31 6.860.5 0.270.02
B
C
Max. 7.0 0.28
D
6.470.5 0.250.02
E
Max. 2.0 0.079
F
Max. 1.8 0.071
G
1.60.5
H
2.10.5
0.0630.02 0.0830.02
D
H G
CHARACTERISTICS
Description: SMD (shielded) power inductor Applications: PDA, Notebook, Desktop, Server applications. High current POL converters. Low profile, high current power supplies. Battery powered devices. DC/DC converters in distributed power systems. DC/DC converter for Field Programmable Gate Array (FPGA). Operating Temperature: -55C to +125C Storage Temperature: -55C to +125C Inductance Tolerance: 20% Testing: Inductance is tested on an HP4285A at 100KHz, 0.25V Packaging: Tape & Reel Marking: Parts are marked with inductance code Miscellaneous: RoHS Compliant. Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information.
08.01.07
XXX
C
B
A F E
Marking: Inductance Code
RECOMMENDED LAND PATTERN
7.4 Typ. 3.4 Typ.
3.7 Typ.
Technologies
Manufacturer of Passive and Discrete Semiconductor Components 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2007 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CTIHLP72F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X